PART |
Description |
Maker |
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6MU-2415EH40 P6MU-0505EH40 P6MU-0512EH40 P6MU-120 |
Input voltage: 5V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output 4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 4千伏隔震1W的未稳压单输出DIP14 Input voltage: 5V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH]
|
P6MU-2415EH52 P6MU-0505EH52 P6MU-0512EH52 P6MU-120 |
Input voltage:5V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:5V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output 5.2 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 5.2千伏隔震1W的未稳压单输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
CME0505DC CME0505DPC CME0505SC CME0505SPC CME0505S |
Isolated 0.75W Single Output Isolated DC/DC Converters
|
Murata Power Solutions ...
|
P2AU-2415E P2AU-0505E P2AU-0512E P2AU-0515E P2AU-0 |
Input voltage:24V, output voltage 15V (16.66mA), 1KV isolated 0.25W unregulated single output Input voltage:5V, output voltage 15V (16.66mA), 1KV isolated 0.25W unregulated single output P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4 P2AU - XXXXE 1KV交隔0,25糯未稳压单输出学校改善工 P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4 P2AU - XXXXE 1KV交隔,25糯未稳压单输出学校改善工
|
PEAK[PEAK electronics GmbH]
|
PSD-0505 PSD-0509S PSD-3R305S PSD-0505S PSD-0512S |
1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SMD 1KV交隔1W的未稳压单输出贴 PSD-XXXXS 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SMD
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH] ETC[ETC] List of Unclassifed Manufacturers
|
RP75-482.5S RP75-483.3S RP75-481.8S RP75-4805S RP7 |
75 Watt Isolated Single & Dual Output 75 Watt Isolated Single & Dual Output 75瓦特的隔离单 75 Watt Isolated Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RS-0505D RS-0509D RS-0509S RS-053.3D RS-053.3S RS- |
2 Watt SIP8 Isolated Single & Dual Output 2 Watt SIP8 Isolated Single & Dual Output 2瓦特SIP8隔离
|
RECOM Power Inc. RECOM Electronic GmbH
|
RS3-053.3SH3 RS3-0505D RS3-0505S RS3-0505DH2 RS3-0 |
3 Watt SIP8 Isolated Single & Dual Output 3瓦特SIP8隔离 3 Watt SIP8 Isolated Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
P7BU-XXXXE P7BU-0505E P7BU-0512E P7BU-0515E P7BU-1 |
1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8 1KV交隔.25糯未稳压单输出DIP8 1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8 1KV交隔1.25糯未稳压单输出DIP8
|
PEAK[PEAK electronics GmbH] http://
|
PZ5LU-153R3E PZ5LU-0505E PZ5LU-0512E PZ5LU-0515E P |
PZ5LUxxxxE 3 KV ISOLATED 0.75 W UNREGULATED SINGLE OUTPUT SIP7 PZ5LUxxxxE 3 KV ISOLATED 0.75 W UNREGULATED SINGLE OUTPUT SIP7
|
PEAK[PEAK electronics GmbH]
|
NDTS4803C NDTS4805C NDTS4812C NDTS4815C |
Isolated 3W Single Output DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|